| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS251 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS251 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() HD74LS251 Rev.3.00, Jul.15.2005, page 2 of 5 Function Table Inputs Outputs Select Strobe C B A S Y W X X X H Z Z L L L L D0 D 0 L L H L D1 D 1 L H L L D2 D 2 L H H L D3 D 3 H L L L D4 D 4 H L H L D5 D 5 H H L L D6 D 6 H H H L D7 D 7 Notes: 1. H; high level, L; low level, X; irrelevant 2. Z; high impedance (off-state) 3. D0 through D7; the level of the respective D input. Block Diagram Output W Output Y Data Select (Binary) Data Inputs Strobe (Enable) D1 D0 D2 D3 D4 D5 D6 D7 A A A B B B C C C Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Output voltage (off-state) VO (off) 5.5 V Operating temperature Topr –20 to +75 °C Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |