| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS247 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS247 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74LS247 Rev.3.00, Jul.15.2005, page 2 of 7 Pin Arrangement (Top view) VCC GND B C LT BI/RBO RBI D A f g b a c d e 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 Outputs Inputs Inputs B C D A RBI BI/BRO LT f g d e c b a Function Table Inputs Outputs Decimal or Function LT RBI D C B A BI/ RBO a b c d e f g Note 0 H H L L L L H ON ON ON ON ON ON OFF 1 H X L L L H H OFF ON ON OFF OFF OFF OFF 2 H X L L H L H ON ON OFF ON ON OFF ON 3 H X L L H H H ON ON ON ON OFF OFF ON 4 H X L H L L H OFF ON ON OFF OFF ON ON 5 H X L H L H H ON OFF ON ON OFF ON ON 6 H X L H H L H ON OFF ON ON ON ON ON 7 H X L H H H H ON ON ON OFF OFF OFF OFF 8 H X H L L L H ON ON ON ON ON ON ON 9 H X H L L H H ON ON ON ON OFF ON ON 10 H X H L H L H OFF OFF OFF ON ON OFF ON 11 H X H L H H H OFF OFF ON ON OFF OFF ON 12 H X H H L L H OFF ON OFF OFF OFF ON ON 13 H X H H L H H ON OFF OFF ON OFF ON ON 14 H X H H H L H OFF OFF OFF ON ON ON ON 15 H X H H H H H OFF OFF OFF OFF OFF OFF OFF 1 BI X X X X X X L OFF OFF OFF OFF OFF OFF OFF 2 RBI H L L L L L L OFF OFF OFF OFF OFF OFF OFF 3 LT L X X X X X H ON ON ON ON ON ON ON 4 H; high level, L; low level, X; irrelevant Notes: 1. The blanking input (BI) must be open or held at a high logic level when output functions 0 through 15 are desired. The ripple-blanking input (RBI) must be open or high if blanking of a decimal zero is not desired. 2. When a low logic level is applied directly to the blanking input (BI), all segment outputs are off regardless of the level of any other input. 3. When ripple-blanking input (RBI) and inputs A, B, C, and D are a low level with the lamp test input high, all segment outputs go off and the ripple-blanking output (RBO) goes to a low level (response condition). 4. When a blanking input ripple blanking input (BI/RBO) is open or held high and a low is applied to the lamp- test input, all segment outputs are on. |