| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS194AFPEL bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS194AFPEL bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 8 page ![]() HD74LS194A Rev.3.00, Jul.15.2005, page 4 of 7 Count Sequences Load Shift Right Shift Left Inhibit Clear Clock Clear Clear Mode Control Inputs Serial Inputs Outputs B A L H L H L R C D QA QB QC QD S0 S1 Parallel Inputs Testing Method Test Circuit 4.5V QA Load circuit 1 Output VCC RL CL Input P.G. Zout = 50 Ω B C D CLR R CK L A S0 S1 QC QB Same as Load Circuit 1. Output Same as Load Circuit 1. Output QD Same as Load Circuit 1. Output Notes: 1. CL includes probe and jig capacitance. 2. All diodes are 1S2074(H). |