| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS174 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS174 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp |
|
1 / 9 page ![]() Rev.3.00, Jul.15.2005, page 1 of 8 HD74LS174 / HD74LS175 Hex / Quadruple D-type Flip-Flops (with clear) REJ03D0451–0300 Rev.3.00 Jul.15.2005 These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic. All have a direct clear input, and the HD74LS175 features complementary outputs from each flip-flops. Information at the D inputs meeting the setup time requirements is transferred to the Q outputs on the positive-going edge of the clock pulse. Clock triggering occurs at a particular voltage level and is not directly related to the transition time of the positive-going pulse. When the clock input is at either the high or low level, the D input signal has no effect at the outputs. Features • Ordering Information • HD74LS174 Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS174P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS174FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) HD74LS174RPEL SOP-16 pin (JEDEC) PRSP0016DG-A (FP-16DNV) RP EL (2,500 pcs/reel) • HD74LS175 Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS175P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS175FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) HD74LS175RPEL SOP-16 pin (JEDEC) PRSP0016DG-A (FP-16DNV) RP EL (2,500 pcs/reel) Note: Please consult the sales office for the above package availability. |
Số phần tương tự - HD74LS174 |
|
Mô tả tương tự - HD74LS174 |