| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS157FPEL bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS157FPEL bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() HD74LS157 Rev.2.00, Feb.18.2005, page 2 of 6 Function Table Inputs Output Strobe Select A B Y H X X X L L L L X L L L H X H L H X L L L H X H H H ; high level, L ; low level, X ; irrelevant Block Diagram Strobe G Select S Outputs Data Inputs 1A 1Y 4Y 3Y 2Y 1B 2A 2B 3A 3B 4A 4B Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. Recommended Operating Conditions Item Symbol Min Typ Max Unit Supply voltage VCC 4.75 5.00 5.25 V IOH — — –400 µA Output current IOL — — 8 mA Operating temperature Topr –20 25 75 °C |