| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS148 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS148 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() HD74LS148 Rev.2.00, Feb.18.2005, page 2 of 5 Function Table Inputs Outputs EI 0 1 2 3 4 5 6 7 A2 A1 A0 GS EO H X X X X X X X X H H H H H L H H H H H H H H H H H H L L X X X X X X X L L L L L H L X X X X X X L H L L H L H L X X X X X L H H L H L L H L X X X X L H H H L H H L H L X X X L H H H H H L L L H L X X L H H H H H H L H L H L X L H H H H H H H H L L H L L H H H H H H H H H H L H H ; high level, L ; low level, X ; irrelevant Block Diagram EO GS A0 A1 A2 0 1 2 3 4 5 6 7 EI Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |