| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS138 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS138 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74LS138 Rev.3.00, Jul.13.2005, page 2 of 7 Function Table Inputs Enable Select Outputs G1 G2* C B A Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 X H X X X H H H H H H H H L X X X X H H H H H H H H H L L L L L H H H H H H H H L L L H H L H H H H H H H L L H L H H L H H H H H H L L H H H H H L H H H H H L H L L H H H H L H H H H L H L H H H H H H L H H H L H H L H H H H H H L H H L H H H H H H H H H H L H ; high level, L ; low level, X ; irrelevant * ; G2 = G2A + G2B Block Diagram Select Inputs Enable Inputs Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 G1 G2A G2B A B C Data Outputs Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. Recommended Operating Conditions Item Symbol Min Typ Max Unit Supply voltage VCC 4.75 5.00 5.25 V IOH — — –400 µA Output current IOL — — 8 mA Operating temperature Topr –20 25 75 °C |