| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS375 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS375 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp |
|
1 / 6 page ![]() Rev.2.00, Feb.18.2005, page 1 of 5 HD74LS375 Quadruple Bistable Latches REJ03D0484–0200 Rev.2.00 Feb.18.2005 The HD74LS375 bistable latch is electrically and functionally identical to the HD74LS75, respectively. Only the arrangement of the terminals has been changed in the HD74LS375. This latch is ideally suited for use as temporary storage for binary information between processing units and input / output or indicator units. Information present at a data (D) input is transferred to the Q output when the enable (G) is high and the Q output will follow the data input as long as the enable remains high. When the enable goes low, the information (that was present at the data input at the time the transition occurred) is retained at the Q output until the enable goes high. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS375P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS375FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND 1D 1 Q 1Q Enable 1-2 2Q 2 Q 2D 4D 4 Q Enable 3-4 4Q 3Q 3 Q 3D 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 D D G G D G D G Q Q Q Q Q Q Q Q |
Số phần tương tự - HD74LS375 |
|
Mô tả tương tự - HD74LS375 |