công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8126TMP6400 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8126TMP6400
Giải thích chi tiết về linh kiện  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126TMP6400 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MSC8126TMP6400 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
3
Figure 1. MSC8126 Block Diagram
Figure 2. StarCore SC140 DSP Extended Core Block Diagram
MQBus
SQBus
Local Bus
128
128
Boot
ROM
64
PLL
JTAG
RS-232
Internal Local Bus
Internal System Bus
IPBus
IP Master
64
64
UART
Memory
Controller
M2
RAM
GPIO Pins
Interrupts
Memory
Controller
System Bus
32/64
DSI Port
32
32/64
PLL/Clock
JTAG Port
SC140
Extended Core
SC140
Extended Core
SC140
Extended Core
System
Interface
32 Timers
4 TDMs
DMA
Bridge
SIU
Registers
Direct
Slave
Interface
(DSI)
8 Hardware
Semaphores
GIC
GPIO
MII/RMII/SMII
Ethernet
SC140
Extended Core
M2
RAM
IP Master
TCOP
VCOP
IPBus2
SC140
Power
Management
Core
Program
Sequencer
Address
Register
File
Data ALU
Register
File
Address
ALU
EOnCE
JTAG
Xa
Xb
P
QBus
IRQs
IRQs
MQBus
SQBus
Local Bus
128
128
64
64
64
LIC
PIC
128
128
QBus
Interface
Instruction
Cache
M1
RAM
Notes: 1. The arrows show the data transfer direction.
QBus
Bank 1
QBus
Bank 3
2. The QBus interface includes a bus switch, write buffer, fetch unit, and a control unit that defines
four QBus banks. In addition, the QBC handles internal memory contentions.
QBC
SC140 Core
Data
ALU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com