công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8126 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8126
Giải thích chi tiết về linh kiện  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Pin Assignments
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
11
T15
D23
V9
D7
T16
IRQ5/DP5/DACK4/EXT_BG3
V10
D10
T17
IRQ4/DP4/DACK3/EXT_DBG3
V11
D12
T18
IRQ1/DP1/DACK1/EXT_BG2
V12
D13
T19
D30
V13
D18
T20
GND
V14
D20
T21
A15
V15
GND
T22
A14
V16
D24
U2
HD16
V17
D27
U3
HD19
V18
D29
U4
HD2/DSI64
V19
A8
U5
D2
V20
A9
U6
D3
V21
A10
U7
D6
V22
A11
U8
D8
W2
HD6
U9
D9
W3
HD5/CNFGS
U10
D11
W4
HD4/MODCK2
U11
D14
W5
GND
U12
D15
W6
GND
U13
D17
W7
VDDH
U14
D19
W8
VDDH
U15
D22
W9
GND
U16
D25
W10
HDST1/HA10
U17
D26
W11
HDST0/HA9
U18
D28
W12
VDDH
U19
D31
W13
GND
U20
VDDH
W14
HD40/D40/ETHRXD0
W15
VDDH
AA9
VDDH
W16
HD33/D33/reserved
AA10
HD54/D54/ETHTX_EN
W17
VDDH
AA11
HD52/D52
W18
HD32/D32/reserved
AA12
VDDH
W19
GND
AA13
GND
W20
GND
AA14
VDDH
W21
A7
AA15
HD46/D46/ETHTXT0
W22
A6
AA16
GND
Y2
HD7
AA17
HD42/D42/ETHRXD2/reserved
Y3
HD15
AA18
HD38/D38/reserved
Y4
VDDH
AA19
HD35/D35/reserved
Y5
HD9
AA20
A0
Table 1. MSC8126 Signal Listing by Ball Designator (continued)
Des.
Signal Name
Des.
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48