công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8103VT1200F bảng dữ liệu(PDF) 52 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8103VT1200F
Giải thích chi tiết về linh kiện  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103VT1200F bảng dữ liệu(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MSC8103VT1200F Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 12
2-12
Freescale Semiconductor
Physical and Electrical Specifications
Figure 2-7.
Host Reset Configuration Timing
PORESET
Internal
HRESET
Input
Output (I/O)
SRESET
Output (I/O)
HRESET/SRESET are
extended for 512/515 BUS
clocks, respectively, from PLL
and DLL lock
PLL locks after
800 SPLLMFCLKs and
DLL locks 3073 BUS clocks
after PLL is locked.
When DLL is disabled,
reset period is shortened by
DLL lock time.
RSTCONF, HPE
pins are sampled
HRM, BTM
Any time
Host programs
Word
MODCK_H bits
are ready for PLL.
MODCK[1–3] pins
are sampled.
PORESET
Reset Configuration
1
2
3
5
4
6
asserted for
min 16
CLKIN.
PLL locked
DLL locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com