| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPX5100 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5100 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 16 page ![]() MPX5100 Sensors Freescale Semiconductor 5 Transfer Function (MPX5100A) Nominal Transfer Value: VOUT = VS (P x 0.009 + 0.095) ± (Pressure Error x Temp. Mult. x 0.009 x VS) VS = 5.0 V ±5% P kPa Temperature Error Multiplier MPX5100A Temp Multiplier 4.0 3.0 2.0 0.0 1.0 -40 -20 0 20 40 60 130 120 100 80 140 - 40 3 0 to 85°C 1 +125° 3 Break Points Temperature in °C Note: The Temperature Multiplier is a linear response from 0° to -40°C and from 85° to 125°C. Series Pressure Error Band Pressure in kPa 3.0 2.0 1.0 -1.0 -2.0 -3.0 0.0 0 20 40 60 80 100 130 Pressure Error (max) 15 to 115 kPa ± 2.5 kPa Error Limits for Pressure MPX5100A Series |