công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MRF21085LR3 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MRF21085LR3
Giải thích chi tiết về linh kiện  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21085LR3 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF21085LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21085LR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRF21085LR3 MRF21085LSR3
3
RF Device Data
Freescale Semiconductor
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) (continued)
Two-Tone Common-Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
Gps
—
13.6
—
dB
Two-Tone Drain Efficiency
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
η
—
36
—
%
Two-Tone Intermodulation Distortion
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
IMD
—
-31
—
dBc
Input Return Loss
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
IRL
—
-12
—
dB
Pout, 1 dB Compression Point
(VDD = 28 Vdc, IDQ = 1000 mA, f = 2170 MHz)
P1dB
—
100
—
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12