| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MRF284LSR1 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MRF284LSR1 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 12 page ![]() MRF284LR1 MRF284LSR1 11 RF Device Data Freescale Semiconductor PACKAGE DIMENSIONS CASE 360B-05 ISSUE G NI-360 MRF284LR1 G E C SEATING PLANE DIM A MIN MAX MIN MAX MILLIMETERS 0.795 0.805 20.19 20.45 INCHES B 0.225 0.235 5.72 5.97 C 0.125 0.175 3.18 4.45 D 0.210 0.220 5.33 5.59 E 0.055 0.065 1.40 1.65 F 0.004 0.006 0.10 0.15 G 0.562 BSC 14.28 BSC H 0.077 0.087 1.96 2.21 K 0.220 0.250 5.59 6.35 M 0.355 0.365 9.02 9.27 Q 0.125 0.135 3.18 3.43 STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE 1 2 3 Q 2X M A M aaa B M T NOTES: 1. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M−1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. R 0.227 0.233 5.77 5.92 S 0.225 0.235 5.72 5.97 N 0.357 0.363 9.07 9.22 aaa 0.005 REF 0.13 REF bbb 0.010 REF 0.25 REF ccc 0.015 REF 0.38 REF M A M bbb B M T D 2X K 2X B B (FLANGE) H F M A M ccc B M T M A M bbb B M T A M (INSULATOR) A T N (LID) M A M ccc B M T R (LID) S (INSULATOR) M A M aaa B M T CASE 360C-05 ISSUE E NI-360S MRF284LSR1 STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE DIM A MIN MAX MIN MAX MILLIMETERS 0.375 0.385 9.53 9.78 INCHES B 0.225 0.235 5.72 5.97 C 0.105 0.155 2.67 3.94 D 0.210 0.220 5.33 5.59 E 0.035 0.045 0.89 1.14 F 0.004 0.006 0.10 0.15 H 0.057 1.45 K 0.085 0.115 2.16 2.92 M 0.355 0.365 9.02 9.27 E C SEATING PLANE 2 0.067 1.70 1 NOTES: 1. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M−1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. S 0.225 0.235 5.72 5.97 aaa 0.005 REF 0.13 REF bbb 0.010 REF 0.25 REF ccc 0.015 REF 0.38 REF H F M A M ccc B M T R (LID) S (INSULATOR) M A M aaa B M T M A M bbb B M T D 2X B B (FLANGE) M A M ccc B M T M A M bbb B M T M (INSULATOR) T N (LID) A (FLANGE) A K 2X PIN 3 N 0.357 0.363 9.07 9.22 R 0.227 0.23 5.77 5.92 |