công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24128-BWMB6TG bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện M24128-BWMB6TG
Giải thích chi tiết về linh kiện  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWMB6TG bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button M24128-BWMB6TG Datasheet HTML 7Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 8Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 9Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 10Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 11Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 12Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 13Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 14Page - STMicroelectronics M24128-BWMB6TG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
M24128, M24C64, M24C32
Signal description
11/39
Table 3.
Device select code
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable address(2)
2.
E0, E1 and E2 are compared against the respective external pins on the memory device.
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
1010
E2
E1
E0
RW
Table 4.
Address most significant byte
b15
b14
b13
b12
b11
b10
b9
b8
Table 5.
Address least significant byte
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39