| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCY59 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BCY59 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() BCY59 SMALL SIGNAL NPN TRANSISTOR DESCRIPTION The BCY59 is a silicon Planar Epitaxial NPN transistor in Jedec TO-18 metal case. It is intented for use in audio input stages, driver stages and low-noise input stages. The PNP complementary type Is BCY79. ® INTERNAL SCHEMATIC DIAGRAM September 2002 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCES Collector-Emitter Voltage (VBE = 0) 45 V VCEO Collector-Emitter Voltage (IB = 0) 45 V VEBO Emitter-Base Voltage (IC = 0) 7 V IC Collector Current 200 mA IB Base Current 50 mA Ptot Total Dissipation at Tamb ≤ 25 oC at TC ≤ 25 oC 0.39 1 W W Tstg Storage Temperature -55 to 175 oC Tj Max. Operating Junction Temperature 175 oC TO-18 1/6 |
Số phần tương tự - BCY59 |
|
Mô tả tương tự - BCY59 |