| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BC107 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BC107 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() November 2006 Rev 2 1/9 9 BC107 BC107B Low noise general purpose audio amplifiers Description The BC107 and BC107B are silicon planar epitaxial NPN transistors in TO-18 metal case. They are suitable for use in driver stages, low noise input stages and signal processing circuits of television receivers. The PNP complementary types are BC177 and BC177B respectively. Order codes Internal schematic diagram TO-18 Part Number Marking Package Packing BC107 BC107 TO-18 Bag BC107A BC107B TO-18 Bag www.st.com |
Số phần tương tự - BC107 |
|
Mô tả tương tự - BC107 |