| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L7808C bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7808C bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 56 page ![]() L78xx - L78xxC Electrical characteristics 15/56 Table 10. Electrical characteristics of L7820 (refer to the test circuits, TJ = -55 to 150 °C, VI = 28 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 19.2 20 20.8 V VO Output voltage IO = 5 mA to 1 A, PO ≤15 W VI = 24 to 35 V 19 20 21 V ΔVO(1) Line regulation VI = 22.5 to 35 V, TJ = 25°C 200 mV VI = 26 to 32 V, TJ = 25°C 100 ΔVO(1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 200 mV IO = 250 to 750 mA, TJ = 25°C 100 Id Quiescent current TJ = 25°C 6 mA ΔId Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = 24 to 35 V 0.8 ΔVO/ΔT Output voltage drift IO = 5 mA 2.5 mV/°C eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25°C 40 µV/VO SVR Supply voltage rejection VI = 24 to 35 V, f = 120 Hz 58 dB Vd Dropout voltage IO = 1 A, TJ = 25°C 2 2.5 V RO Output resistance f = 1 kHz 24 m Ω Isc Short circuit current VI = 35 V, TJ = 25°C 0.75 1.2 A Iscp Short circuit peak current TJ = 25°C 1.3 2.2 3.3 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |