công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95256WCS3G bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện M95256WCS3G
Giải thích chi tiết về linh kiện  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256WCS3G bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button M95256WCS3G Datasheet HTML 11Page - STMicroelectronics M95256WCS3G Datasheet HTML 12Page - STMicroelectronics M95256WCS3G Datasheet HTML 13Page - STMicroelectronics M95256WCS3G Datasheet HTML 14Page - STMicroelectronics M95256WCS3G Datasheet HTML 15Page - STMicroelectronics M95256WCS3G Datasheet HTML 16Page - STMicroelectronics M95256WCS3G Datasheet HTML 17Page - STMicroelectronics M95256WCS3G Datasheet HTML 18Page - STMicroelectronics M95256WCS3G Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
M95256, M95256-W, M95256-R
Instructions
15/44
5.2
Write Disable (WRDI)
One way of resetting the Write Enable Latch (WEL) bit is to send a Write Disable instruction
to the device.
As shown in Figure 7, to send this instruction to the device, Chip Select (S) is driven low,
and the bits of the instruction byte are shifted in, on Serial Data input (D).
The device then enters a wait state. It waits for a the device to be deselected, by Chip Select
(S) being driven high.
The Write Enable Latch (WEL) bit, in fact, becomes reset by any of the following events:
●
Power-up
●
WRDI instruction execution
●
WRSR instruction completion
●
WRITE instruction completion.
Figure 7.
Write Disable (WRDI) sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44