| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C04FBN3TP bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04FBN3TP bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 34 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Part numbering 31/34 Table 23. Available M24C16 products (package, voltage range, temperature grade) Package M24C16-W VCC = 2.5 V to 5.5 V M24C16-R VCC = 1.8 V to 5.5 V M24C16-F VCC = 1.7 V to 5.5 V DIP8 (BN) Range 6 Range 6 - SO8N (MN) Range 6, Range 3 Range 6 - UFDFPN8 (MB) - Range 6 - TSSOP8 (DW) Range 6, Range 3 Range 6 Range 5 Table 24. Available M24C08 products (package, voltage range, temperature grade) Package M24C08-W VCC = 2.5 V to 5.5 V M24C08-R VCC = 1.8 V to 5.5 V M24C08-F VCC = 1.7 V to 5.5 V DIP8 (BN) Range 6 - - SO8N (MN) Range 6, Range 3 Range 6 - UFDFPN8 (MB) - Range 6 Range 5 TSSOP8 (DW) Range 6 Range 6 Range 5 TSSOP8 3 × 3 mm (DS) - Range 6 - Table 25. Available M24C04 products (package, voltage range, temperature grade) Package M24C04-W VCC = 2.5 V to 5.5 V M24C04-R VCC = 1.8 V to 5.5 V M24C04-F VCC = 1.7 V to 5.5 V DIP8 (BN) Range 6 - - SO8N (MN) Range 6, Range 3 Range 6 - UFDFPN8 (MB) - Range 6 Range 5 TSSOP8 (DW) Range 6, Range 3 Range 6 Range 5 Table 26. Available M24C02 products (package, voltage range, temperature grade) Package M24C02-W VCC = 2.5 V to 5.5 V M24C02-R VCC = 1.8 V to 5.5 V DIP8 (BN) Range 6 - SO8N (MN) Range 6, Range 3 Range 6 UFDFPN8 (MB) - Range 6 TSSOP8 (DW) Range 6, Range 3 Range 6 Table 27. Available M24C01 products (package, voltage range, temperature grade) Package M24C01-W VCC = 2.5 V to 5.5 V M24C01-R VCC = 1.8 V to 5.5 V DIP8 (BN) Range 6 - SO8N (MN) Range 6 Range 6 UFDFPN8 (MB) - - TSSOP8 (DW) Range 6 Range 6 TSSOP8 3 × 3 mm (DS) - Range 6 |