| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95256CS6TG bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256CS6TG bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 44 page ![]() M95256, M95256-W, M95256-R DC and AC parameters 29/44 Table 14. DC characteristics (M95256-W, device grade 3) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current (Read) C = 0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V, Q = open 3mA ICC0 (1) 1. Characterized value, not tested in production. Supply current (Write) During tW, S = VCC, 2.5 V < VCC < 5.5 V 6mA ICC1 Supply current (Standby Power mode) S = VCC, VIN = VSS or VCC 2.5 V < VCC < 5.5 V, 5µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL Output low voltage IOL = 1.5 mA, VCC = 2.5 V 0.4 V VOH Output high voltage IOH = –0.4 mA, VCC = 2.5 V 0.8 VCC V Table 15. DC characteristics (M95256-R) Symbol Parameter Test condition Min Max Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current (Read) C = 0.1VCC/0.9VCC at 2 MHz, VCC = 1.8 V, Q = open 1 (1) 1. This is preliminary data. mA ICC0 (2) 2. Characterized value, not tested in production. Supply current (Write) During tW, S = VCC, 1.8 V < VCC < 2.5 V 3mA ICC1 Supply current (Standby Power mode) S = VCC, VIN = VSS or VCC, 1.8 V < VCC < 2.5 V 3(1) µA VIL Input low voltage 1.8 V ≤VCC < 2.5 V –0.45 0.25 VCC V 2.5 V ≤VCC < 5.5 V –0.45 0.3 VCC V VIH Input high voltage 1.8 V ≤VCC < 2.5 V 0.75 VCC VCC+1 V 2.5 V ≤VCC < 5.5 V 0.7 VCC VCC+1 V VOL Output low voltage IOL = 0.15 mA, VCC = 1.8 V 0.3 V VOH Output high voltage IOH = –0.1 mA, VCC = 1.8V 0.8VCC V |