| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95256WMN6P bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256WMN6P bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 44 page ![]() DC and AC parameters M95256, M95256-W, M95256-R 28/44 Table 11. Capacitance(1) 1. Sampled only, not 100% tested, at TA = 25 °C and a frequency of 5 MHz. Symbol Parameter Test condition Min. Max. Unit COUT Output capacitance (Q) VOUT = 0 V 8 pF CIN Input capacitance (D) VIN = 0 V 8 pF Input capacitance (other pins) VIN = 0 V 6 pF Table 12. DC characteristics (M95256, device grade 3) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current C = 0.1VCC/0.9VCC at 5 MHz, VCC = 5 V, Q = open 4mA ICC1 Supply current (Standby Power mode) S = VCC, VCC = 5 V, VIN = VSS or VCC 5µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL (1) 1. For all 5V range devices, the device meets the output requirements for both TTL and CMOS standards. Output low voltage IOL = 2 mA, VCC = 5 V 0.4 V VOH (1) Output high voltage IOH = –2 mA, VCC = 5 V 0.8 VCC V Table 13. DC characteristics (M95256-W, device grade 6) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current (Read) C = 0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V, Q = open 3mA C = 0.1VCC/0.9VCC at 5 MHz, VCC = 5V, Q = open 5mA ICC0 (1) 1. Characterized value, not tested in production. Supply current (Write) During tW, S = VCC, 2.5 V < VCC < 5.5 V 5mA ICC1 Supply current (Standby Power mode) S = VCC, VIN = VSS or VCC, 2.5 V < VCC < 5.5 V 5µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL Output low voltage VCC = 2.5 V and IOL = 1.5 mA or VCC = 5 V and IOL = 2 mA 0.4 V VOH Output high voltage VCC = 2.5 V and IOH = –0.4 mA or VCC = 5 V and IOH = –2 mA 0.8 VCC V |