| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L5986 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5986 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 39 page ![]() L5986 - L5986A Package mechanical data 34/39 7 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of the second level interconnect is marked on the package and on the inner box label, in compliance with the JEDEC Standard JESD97. The maximum ratings related to soldering condition are also marked on the inner box label. ECOPACK® is an ST trademark. ECOPACK specifications are available at: www.st.com |