| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPR520F bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPR520F bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 6 page ![]() Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap- proval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com PACKAGE MECHANICAL DATA ISOWATT220AC F G F1 H DE A B L7 L2 L6 L3 REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.40 4.60 0.173 0.181 B 2.50 2.70 0.098 0.106 D 2.40 2.75 0.094 0.108 E 0.40 0.70 0.016 0.028 F 0.75 1.00 0.030 0.039 F1 1.15 1.70 0.045 0.067 G 4.95 5.20 0.195 0.205 H 10.00 10.40 0.394 0.409 L2 16.00 0.630 L3 28.60 30.60 1.125 1.205 L6 15.90 16.40 0.626 0.646 L7 9.00 9.30 0.354 0.366 Diam 3.00 3.20 0.118 0.126 STPR520D/F 6/6 |