công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPC0375BTI3 bảng dữ liệu(PDF) 23 Page - STMicroelectronics

tên linh kiện STPC0375BTI3
Giải thích chi tiết về linh kiện  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0375BTI3 bảng dữ liệu(HTML) 23 Page - STMicroelectronics

Back Button STPC0375BTI3 Datasheet HTML 19Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 20Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 21Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 22Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 23Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 24Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 25Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 26Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
PIN DESCRIPTION
23/51
Issue 1.2
D18
VDD5
A22
VDD
B14
VDD
C9
VDD
D6
VDD
D11
VDD
D16
VDD
D21
VDD
F4
VDD
F23
VDD
G1
VDD
K23
VDD
L4
VDD
L23
VDD
P2
VDD
T4
VDD
T23
VDD
T26
VDD
W4
VDD
AA4
VDD
AA23
VDD
AB1
VDD
AB23
VDD
AC6
VDD
AC11
VDD
AC16
VDD
AC21
VDD
AE12
VSSA_TV
AE7
VSS_DAC1
AF7
VSS_DAC2
E25
VSS_DLL
E26
VSS_DLL
A1:2
VSS
A26
VSS
B2
VSS
B25:26
VSS
C3
VSS
C24
VSS
D4
VSS
D9
VSS
D14
VSS
D19
VSS
D23
VSS
H4
VSS
J23
VSS
L11:16
VSS
M11:16
VSS
N4
VSS
Pin #
Pin name
N11:16
VSS
P11:16
VSS
P23
VSS
R11:16
VSS
T11:16
VSS
V4
VSS
W23
VSS
AC4
VSS
AC8
VSS
AC13
VSS
AC18
VSS
AC23
VSS
AD3
VSS
AD24
VSS
AE1:2
VSS
AE16
VSS
AE25
VSS
AF1
VSS
AF25
VSS
AF26
VSS
C26
RESERVED
D24
RESERVED
B24
RESERVED
A25
RESERVED
Pin #
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51