| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XC6202PC02ML bảng dữ liệu(PDF) 1 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6202PC02ML bảng dữ liệu(HTML) 1 Page - Torex Semiconductor |
|
1 / 32 page ![]() 1/32 XC6202 Series High Voltage Positive Voltage Regulators ■GENERAL DESCRIPTION The XC6202 series are highly precise, low power consumption, high voltage input, positive voltage regulators manufactured using CMOS and laser trimming technologies. The XC6202 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error correction circuit. Output voltage is selectable in 100mV steps from 1.8V ~ 18V. The series are also compatible with low ESR ceramic capacitors which give added output stability. Since the current limiter circuit is built-in, the IC is protected against overshoot currents at such times of output shorts etc. SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW), SOT-223 (1200mW) and USP-6B (100mW) packages are available. ■APPLICATIONS ●Battery powered equipment ●Reference voltage ●Cameras, video cameras ●Palmtops ■TYPICAL APPLICATION CIRCUIT ■FEATURES Maximum Output Current : 150mA (within Pd) Maximum Operational Voltage : 20V Output Voltage Range : 1.8V ~ 18V (0.1V increments) Highly Accurate : ±2% Low Power Consumption : 10 μA (TYP.) Line Regulation : 0.01% / V (TYP.) Dropout Voltage : 200mV @ 30mA 670mV@100mA Operational Temperature Range : -40 ℃ ~ 85℃ Low ESR Capacitor Compatible : Ceramic capacitor Current Limiter Circuit Built-In Small Packages : SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW), SOT-223 (1200mW), USP-6B (100mW) ■TYPICAL PERFORMANCE CHARACTERISTICS ETR0302_001 |
Số phần tương tự - XC6202PC02ML |
|
Mô tả tương tự - XC6202PC02ML |