| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATFC-0603-R10-HT bảng dữ liệu(PDF) 2 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ATFC-0603-R10-HT bảng dữ liệu(HTML) 2 Page - Abracon Corporation |
|
2 / 2 page ![]() THIN FILM CHIP INDUCTOR ||||||||||||||| ATFC-0603 1.6 x 0.8 x 0.45mm Pb RoHS Compliant ABRACON IS ISO 9001 / QS 9000 CERTIFIED ABRACON IS ISO 9001 / QS 9000 CERTIFIED 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com Revised: 08.24.07 Visit www.abracon.com for Terms & Conditions of Sale OPTIONS AND PART IDENTIFICATION: (Left blank if standard) TAPE & REEL: Dimensions: mm OUTLINE DRAWING: C T W W E F ψ D 0 P 1 P 2 P 0 d ire c tio n o f un re e lin g A A B B T op T a p e B o tto m T ap e P ape r T a p e T ABRACON P/N ΦA ΦB ΦC W T Paper Tape (EA) Series CD AB Codes A B W E F Codes P0 P1 P2 ΦD0 T Dimensions: Inches (mm) C B D D A T Tape & Reel ATFC - 0603 - - - Please refer to the Table above. g n i g a k c a P e d o C e c n a t c u d n I J±5% H±3% G±2% F±1% S ±0.3 nH C ±0.2 nH B ±0.1 nH Inductance Tolerance 0.018±0.004 0.012±0.008 (0.45±0.10) (0.3±0.20) 0.063±0.004 (1.6±0.10) 0.031±0.004 (0.8±0.10) ATFC-0603 ATFC-0603 1.10±0.05 1.90±0.05 8.00±0.10 1.75±0.05 3.5±0.05 ATFC-0603 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.60±0.03 ATFC-0603 Abracon Part |