công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LX64EBCF4845 bảng dữ liệu(PDF) 15 Page - Lattice Semiconductor

tên linh kiện LX64EBCF4845
Giải thích chi tiết về linh kiện  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 bảng dữ liệu(HTML) 15 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 11Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 12Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 13Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 14Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 15Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 16Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 17Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 18Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
15
Figure 12. ispGDX2 FIFO Signals
Read Clock and Read Enable are the same as the Clock and Clock Enable signals of the input registers of the
associated MRB. These registers are used to register the FIFO outputs, and in modes that utilize the FIFO are con-
figured to use the same clock and clock enable signals. The Write Clock is selected from one of the GCLK/CE sig-
nals or the RECCLK (Recovered Clock) signal from the associated SERDES. The Write Enable is selected from
one of the local MRB product term CLK/CE signals. All FIFO operations occur on the rising edge of the clock
although clock polarity of these signals can be programmed.
The flags from the FIFO, FULL, EMPTY and STRDb (Start Read) are each fed via a MUX in the MRB to an I/O
buffer. The STRDb (half full) signal is used in conjunction with SERDES. STRDb is an active low signal, the signal
is inactive (high) on FIFO RESET. After the FIFO reset when the FIFO contains data in five memory locations, at
the following write clock transition the STRDb becomes active (low). Note, if the Read Clocks arrive before writing
the sixth location, it may take longer than five write clocks before the STRDb becomes active. When the FIFO has
data in the first six locations, at the next write clock transition the STRDb becomes inactive (high). Again, if the
Read Clocks arrive before writing the seventh location, the STRDb may stay active for longer than one write clock
period, even if the FIFO contains data in less than five locations. After this event, the STRDb stays inactive until the
FIFO is RESET again. STRDb does not become active again even if less than six memory locations are occupied
in the FIFO. It is the user’s responsibility to monitor the FULL and EMPTY signals to avoid data underflow/overflow
and to take appropriate actions.
Figure 13 shows how the FIFO is connected between the I/O banks and the GDX Blocks in FIFO mode. For more
information on the FIFO, please refer to Lattice technical note number TN1020, sysHSI Usage Guidelines.
FIFO
10x15
Data In (DIN)
Data Out (DOUT)
Write Clock (WCLK)
10
10
Write Enable (WE)
Full (FULL)
Empty (EMPTY)
Read Clock (RCLK)
Read Enable (RE)
Global Reset (RESETb)
Power-on Reset (PORb)
FIFO Reset (FIFORSTb)
Start Read (STRDb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com