| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZVG45W-2 bảng dữ liệu(PDF) 3 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
ZVG45W-2 bảng dữ liệu(HTML) 3 Page - SunLED Corporation |
|
3 / 4 page ![]() Part Number: ZVG45W-2 Published Date : FEB 27,2008 Drawing No : SDSA4511 V3 Checked : B.L.LIU P.3/4 3.5x2.8mm SMD CHIP LED LAMP www.SunLED.com Recommended Solering Pattern (Units : mm; Tolerance:± 0.1) Tape Specification (Units : mm) The device has a single mounting surface. The device must be mounted according to the specifications. Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. |