công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSL1014IYFT bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện TSL1014IYFT
Giải thích chi tiết về linh kiện  14 1 channel buffers for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IYFT bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button TSL1014IYFT Datasheet HTML 8Page - STMicroelectronics TSL1014IYFT Datasheet HTML 9Page - STMicroelectronics TSL1014IYFT Datasheet HTML 10Page - STMicroelectronics TSL1014IYFT Datasheet HTML 11Page - STMicroelectronics TSL1014IYFT Datasheet HTML 12Page - STMicroelectronics TSL1014IYFT Datasheet HTML 13Page - STMicroelectronics TSL1014IYFT Datasheet HTML 14Page - STMicroelectronics TSL1014IYFT Datasheet HTML 15Page - STMicroelectronics TSL1014IYFT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TSL1014
Package information
13/16
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16