công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZUY53W bảng dữ liệu(PDF) 3 Page - SunLED Corporation

tên linh kiện ZUY53W
Giải thích chi tiết về linh kiện  1.6x0.8mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNLED [SunLED Corporation]
Trang chủ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZUY53W bảng dữ liệu(HTML) 3 Page - SunLED Corporation

  ZUY53W Datasheet HTML 1Page - SunLED Corporation ZUY53W Datasheet HTML 2Page - SunLED Corporation ZUY53W Datasheet HTML 3Page - SunLED Corporation ZUY53W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SunLED.com
Part Number:
ZUY53W
1.6x0.8mm SMD CHIP LED LAMP
Published Date : FEB 28,2008
Drawing No : SDSA2396
V5
Checked : B.L.LIU
P.3/4
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
The device has a single mounting surface. The device
must be mounted according to the specifications.
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4