| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW5098T bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5098T bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 86 page ![]() STw5098 Electrical characteristics 65/85 10.7 LS and EAR gain limiter Information below is for each entity. Table 45. LS and EAR gain limiter Symbol Parameter Test conditions Min. Typ. Max. Unit VLSLIMH High voltage at VCCLS (VLSH=1) VCCLS raising 4.2 V VLSLIML Low voltage at VCCLS (VLSH=0) VCCLS falling 4.0 V VLSLIMD VCCLS Hysteresis 200 mV Note: See CR32 for VLSH definition. See Loudspeaker driver description in Section 4.10 for details. |