công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7F10BF1U3 bảng dữ liệu(PDF) 50 Page - STMicroelectronics

tên linh kiện ST7F10BF1U3
Giải thích chi tiết về linh kiện  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1U3 bảng dữ liệu(HTML) 50 Page - STMicroelectronics

Back Button ST7F10BF1U3 Datasheet HTML 46Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 47Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 48Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 49Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 50Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 51Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 52Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 53Page - STMicroelectronics ST7F10BF1U3 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 159 page
background image
ST7LITE1xB
50/159
I/O PORTS (Cont’d)
Figure 32. I/O Port General Block Diagram
Table 8. I/O Port Mode Options
Legend: Off - implemented not activated
On - implemented and activated
Configuration Mode
Pull-Up
P-Buffer
Diodes
to VDD
to VSS
Input
Floating with/without Interrupt
Off
Off
On
On
Pull-up with/without Interrupt
On
Output
Push-pull
Off
On
Open Drain (logic level)
Off
DR
DDR
OR
PAD
VDD
ALTERNATE
ENABLE
ALTERNATE
OUTPUT
1
0
OR SEL
DDR SEL
DR SEL
PULL-UP
CONDITION
P-BUFFER
(see table below)
N-BUFFER
PULL-UP
(see table below)
1
0
ANALOG
INPUT
If implemented
ALTERNATE
INPUT
VDD
DIODES
(see table below)
FROM
OTHER
BITS
EXTERNAL
REQUEST (eix)
INTERRUPT
SENSITIVITY
SELECTION
CMOS
SCHMITT
TRIGGER
REGISTER
ACCESS
BIT
From on-chip periphera
l
To on-chip peripheral
Note: Refer to the Port Configuration
table for device specific information.
Combinational
Logic
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More