| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2007 bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 62 page ![]() STE2007 Pad coordinates 55/62 The XOR function defines the polarity as the result of the logical XOR between the N-Line and the frame polarity. 8.23 Number of lines Multiplexing Rate setting command. Table 51. Number of lines Table 52. Multiplexing rate 9 Pad coordinates See Table 53: Pad coordinates and Table 55: Alignment marks coordinates. Table 50. N-Line F1 NL4 NL3 NL2 NL1 NL0 Function N row * 0 0000 N-line inversion disabled (default) 0 ***** XOR function disabled 1 ***** XOR function enabled * 0 0001 N-line inversion enabled 2 * 0 0010 N-line inversion enabled 3 :::::: : : * 1 1111 N-line inversion enabled 32 (D/C) D7D6D5 D4D3 D2D1 D0 Function 0 1 1 0 1 0 M2 M1 M0 Command Identifier + Data Field M2 M1 M0 Function 0 0 0 68 Lines (Default) 0 0 1 65 Lines 0 1 0 49 Lines 0 1 1 33 Lines 1 0 0 33 Lines Partial Display 1 0 1 25 Lines Partial Display 1 1 0 17 Lines Partial Display 1 1 1 9 Lines Partial Display |