| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2002 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2002 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 61 page ![]() STE2002 Display data RAM 13/61 When Y-Carriage>MUX lines, the icon row is moved in DDRAM to the first row of the Y- CARRIAGE Return BANK even if it is always connected on the same output Driver. When MY=0, the icon Row is output on R80 in mux 81 mode, on R72 in MUX 65, on R64 in MUX49 and on R56 in MUX 33. When MY=1, and ICON MODE=1, the icon Row is output on R80 in mux 81 mode, on R72 in MUX 65, on R64 in MUX49 and on R56 in MUX 33. When MY=1, and ICON MODE=0, the icon Row is output on R0 whatever is the MUX Rate. When ICON MODE =1, the Memory ICON Row content is output on ICON Pad. If Not Used ICON Pad must be left floating. Figure 5. Automatic data RAM writing sequence with V=0 and Data RAM Normal Format (MX=0)(a) Figure 6. Automatic data RAM writing sequence with V=1 and Data RAM Normal Format (MX=0)(a) Figure 7. Automatic data RAM writing sequence with V=0 and Data RAM Mirrored Format (MX=1(a) a. X Carriage=127; Y-Carriage = 12 0123 124 125 126 127 BANK 0 BANK 1 BANK 2 BANK 3 BANK 4 BANK 5 BANK 6 BANK 7 BANK 8 BANK 9 BANK 10 BANK 11 BANK 12 0123 124 125 126 127 BANK 0 BANK 1 BANK 2 BANK 3 BANK 4 BANK 5 BANK 6 BANK 7 BANK 8 BANK 9 BANK 10 BANK 11 BANK 12 127 126 125 124 3 2 1 0 BANK 0 BANK 1 BANK 2 BANK 3 BANK 4 BANK 5 BANK 6 BANK 7 BANK 8 BANK 9 BANK 10 BANK 11 BANK 12 |