công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPMD250STP bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện SPMD250STP
Giải thích chi tiết về linh kiện  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 21Page - STMicroelectronics SPMD250STP Datasheet HTML 22Page - STMicroelectronics SPMD250STP Datasheet HTML 23Page - STMicroelectronics SPMD250STP Datasheet HTML 24Page - STMicroelectronics SPMD250STP Datasheet HTML 25Page - STMicroelectronics SPMD250STP Datasheet HTML 26Page - STMicroelectronics SPMD250STP Datasheet HTML 27Page - STMicroelectronics SPMD250STP Datasheet HTML 28Page - STMicroelectronics SPMD250STP Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Package mechanical data
SPMD250STP
26/29
12
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29