| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M5480 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M5480 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() M5480 2/10 Figure 2. Pin Connections Figure 3. Block Diagram 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 24 23 22 21 11 12 25 13 14 28 27 26 OUTPUT BIT 11 OUTPUT BIT 1 OUTPUT BIT 2 OUTPUT BIT 3 OUTPUT BIT 4 OUTPUT BIT 5 OUTPUT BIT 6 OUTPUT BIT 7 OUTPUT BIT 8 OUTPUT BIT 9 OUTPUT BIT 10 BRIGHTNESS CONTROL VSS OUTPUT BIT 12 OUTPUT BIT 13 OUTPUT BIT 14 OUTPUT BIT 15 OUTPUT BIT 16 OUTPUT BIT 17 OUTPUT BIT 18 OUTPUT BIT 19 OUTPUT BIT 20 OUTPUT BIT 21 OUTPUT BIT 22 OUTPUT BIT 23 DATA IN CLOCK IN VDD 14 13 35 LATCHES 16 15 35 BIT SHIFT REGISTER 12 17 1 SERIAL DATA CLOCK RESET LOAD VDD OUTPUT BIT 23 BRITGHTNESS CONTROL 1nF 35 OUTPUT BUFFERS OUTPUT BIT 1 |