công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7F10BF0B6 bảng dữ liệu(PDF) 62 Page - STMicroelectronics

tên linh kiện ST7F10BF0B6
Giải thích chi tiết về linh kiện  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0B6 bảng dữ liệu(HTML) 62 Page - STMicroelectronics

Back Button ST7F10BF0B6 Datasheet HTML 58Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 59Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 60Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 61Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 62Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 63Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 64Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 65Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 159 page
background image
ST7LITE1xB
62/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
11.2.3.3 Break Function
The break function can be used to perform an
emergency shutdown of the application being driv-
en by the PWM signals.
The break function is activated by the external
BREAK pin or internal comparator output. This can
be selected by using the BRSEL bit in BREAKCR
Register. In order to use the break function it must
be previously enabled by software setting the
BPEN bit in the BREAKCR register.
The Break active level can be programmed by the
BREDGE bit in the BREAKCR register. When an
active level is detected on the BREAK pin, the BA
bit is set and the break function is activated. In this
case, the PWM signals are forced to BREAK value
if respective OEx bit is set in PWMCR register.
Software can set the BA bit to activate the break
function without using the BREAK pin. The BREN1
and BREN2 bits in the BREAKEN Register are
used to enable the break activation on the 2
counters respectively. In Dual Timer Mode, the
break for PWM2 and PWM3 is enabled by the
BREN2 bit. In Single Timer Mode, the BREN1 bit
enables the break for all PWM channels.
When a break function is activated (BA bit =1 and
BREN1/BREN2 =1):
– The break pattern (PWM[3:0] bits in the BREAK-
CR) is forced directly on the PWMx output pins if
respective OEx is set. (after the inverter).
– The 12-bit PWM counter CNTR1 is put to its re-
set value, i.e. 00h (if BREN1 = 1).
– The 12-bit PWM counter CNTR2 is put to its re-
set value,i.e. 00h (if BREN2 = 1).
– ATR1, ATR2, Preload and Active DCRx are put
to their reset values.
– Counters stop counting.
When the break function is deactivated after ap-
plying the break (BA bit goes from 1 to 0 by soft-
ware), Timer takes the control of PWM ports.
Figure 41. Block Diagram of Break Function
PWM0
PWM1
PWM2
PWM3
PWM0
PWM1
PWM2
PWM3
BREAKCR Register
BREAK pin
(Inverters)
PWM0
PWM1
PWM2
PWM3
BPEN
BA
Comparator
Level
Selection
BRSEL
BREDGE BREAKCR Register
ENCNTR2 bit
BREN1
BREN2
BREAKEN Register
PWM0/1 Break Enable
PWM2/3 Break Enable
OEx
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com