công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QST108AT0 bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện QST108AT0
Giải thích chi tiết về linh kiện  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AT0 bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button QST108AT0 Datasheet HTML 25Page - STMicroelectronics QST108AT0 Datasheet HTML 26Page - STMicroelectronics QST108AT0 Datasheet HTML 27Page - STMicroelectronics QST108AT0 Datasheet HTML 28Page - STMicroelectronics QST108AT0 Datasheet HTML 29Page - STMicroelectronics QST108AT0 Datasheet HTML 30Page - STMicroelectronics QST108AT0 Datasheet HTML 31Page - STMicroelectronics QST108AT0 Datasheet HTML 32Page - STMicroelectronics QST108AT0 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
QST108
Design guidelines
29/51
It is important to limit the amount of stray capacitance on the SNS terminals, for example by
minimizing trace lengths and widths to allow for higher gain without requiring higher values
of CS. Under heavy delta-CX loading of one key, cross coupling to another key’s trace can
cause the other key to trigger. Therefore, electrode traces from adjacent keys should not be
run close to each other over long runs in order to minimize cross-coupling if large values of
delta-CX are expected, for example when an electrode is directly touched. This is not a
problem when the electrodes are working through a plastic panel with normal touch
sensitivity.
For additional information on PCB layout and construction, please contact your local ST
Sales Office for a list of available application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51