| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7MDT2-EPB2/UK bảng dữ liệu(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MDT2-EPB2/UK bảng dữ liệu(HTML) 78 Page - STMicroelectronics |
|
78 / 150 page ![]() ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto 78/150 SERIAL PERIPHERAL INTERFACE (Cont’d) Figure 44. Data Clock Timing Diagram CPOL = 1) CPOL = 0) MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 CPOL = 1 CPOL = 0 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the Electrical Characteristics chapter. (from slave) VR02131B MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit SCLK (with SCLK (with |