| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T03LNC/CCCE bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T03LNC/CCCE bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 63/96 SUPPLY CURRENT CHARACTERISTICS (Cont’d) 11.4.2 WAIT Modes Notes: 1. Typical data are based on TA=25°C, VDD=5V (4.5V≤VDD≤6.0V range) and VDD=3.3V (3V≤VDD≤3.6V range). 2. Data based on characterization results, tested in production at VDD max. and fOSC max. 3. All I/O pins in input with pull-up mode (no load), all peripherals in reset state; clock input (OSCIN) driven by external square wave, OSG and LVD disabled. Symbol Parameter Conditions Typ 1) Max 2) Unit IDD Supply current in WAIT mode 3) Option bytes not programmed (see Figure 38) fOSC=32kHz fOSC=1MHz fOSC=2MHz fOSC=4MHz fOSC=8MHz 330 350 370 410 480 550 600 650 700 800 µA Supply current in WAIT mode 3) Option bytes programmed to 00H (see Figure 39) fOSC=32kHz fOSC=1MHz fOSC=2MHz fOSC=4MHz fOSC=8MHz 18 26 41 57 70 60 80 120 180 200 Supply current in WAIT mode3) (see Figure 40) fOSC=32kHz fOSC=1MHz fOSC=2MHz fOSC=4MHz fOSC=8MHz 190 210 240 280 350 300 350 400 500 600 Supply current in WAIT mode 3) Option bytes not programmed (see Figure 38) fOSC=32kHz fOSC=1MHz fOSC=2MHz fOSC=4MHz fOSC=8MHz 80 90 100 120 150 120 140 150 200 250 Supply current in WAIT mode 3) Option bytes programmed to 00H (see Figure 39) fOSC=32kHz fOSC=1MHz fOSC=2MHz fOSC=4MHz fOSC=8MHz 5 8 16 18 20 30 40 50 60 100 Supply current in WAIT mode 3) Option bytes not programmed (see Figure 40) fOSC=32kHz fOSC=1MHz fOSC=2MHz fOSC=4MHz fOSC=8MHz 60 65 80 100 130 100 110 120 150 210 1 |