| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6255CB6/XXX bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6255CB6/XXX bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 86 page ![]() 41/86 ST62T55C ST62T65C/E65C I/O PORTS (Cont’d) 4.1.3 Timer 1 Alternate function Option When bit TOUT of register TSCR1 is low, pin PC1/ Timer 1 is configured through the port registers as any standard pin of Port B. It is in addition connect- ed to the Timer 1 input for Gated and Event coun- ter modes. When bit TOUT of register TSCR1 is high, pin PC1/Timer 1 is forced as Timer 1 output, independently of the port registers configuration. 4.1.4 AR Timer Alternate function Option When bit PWMOE of register ARMC is low, pin AR- TIMout/PB7 is configured as any standard pin of port B through the port registers. When PWMOE is high, ARTIMout/PB7 is the PWM output, independ- ently of the port registers configuration. ARTIMin/PB6 is connected to the AR Timer input. It is configured through the port registers as any standard pin of port B. To use ARTIMin/PB6 as AR Timer input, it must be configured as input through DDRB. 4.1.5 SPI Alternate function Option PC2/PC4 are used as standard I/O as long as bit SPCLK of the SPI Mode Register is kept low. When PC2/Sin is configured as input, it is automat- ically connected to the SPI shift register input, in- dependent of the state at SPCLK. PC3/SOUT is configured as SPI push-pull output by setting bit 0 of the Miscellaneous register (ad- dress DDh), regardless of the state of Port C reg- isters. PC4/SCK is configured as push-pull output clock (master mode) by programming it as push- pull output through DDRC register and by setting bit SPCLK of the SPI Mode Register. PC4/SCK is configured as input clock (slave mode) by programming it as input through DDRC register and by clearing bit SPCLK of the SPI Mode Regis- ter. With this configuration, PC4 can simultaneous- ly be used as an input. |