| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72334J4TC/XXX bảng dữ liệu(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72334J4TC/XXX bảng dữ liệu(HTML) 95 Page - STMicroelectronics |
|
95 / 150 page ![]() ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto 95/150 SERIAL COMMUNICATIONS INTERFACE (Cont’d) CONTROL REGISTER 1 (CR1) Read/Write Reset Value: Undefined Bit 7 = R8 Receive data bit 8. This bit is used to store the 9th bit of the received word when M=1. Bit 6 = T8 Transmit data bit 8. This bit is used to store the 9th bit of the transmit- ted word when M=1. Bit 4 = M Word length. This bit determines the word length. It is set or cleared by software. 0: 1 Start bit, 8 Data bits, 1 Stop bit 1: 1 Start bit, 9 Data bits, 1 Stop bit Bit 3 = WAKE Wake-Up method. This bit determines the SCI Wake-Up method, it is set or cleared by software. 0: Idle Line 1: Address Mark CONTROL REGISTER 2 (CR2) Read/Write Reset Value: 0000 0000 (00h) Bit 7 = TIE Transmitter interrupt enable. This bit is set and cleared by software. 0: interrupt is inhibited 1: An SCI interrupt is generated whenever TDRE=1 in the SR register. Bit 6 = TCIE Transmission complete interrupt ena- ble This bit is set and cleared by software. 0: interrupt is inhibited 1: An SCI interrupt is generated whenever TC=1 in the SR register Bit 5 = RIE Receiver interrupt enable. This bit is set and cleared by software. 0: interrupt is inhibited 1: An SCI interrupt is generated whenever OR=1 or RDRF=1 in the SR register Bit 4 = ILIE Idle line interrupt enable. This bit is set and cleared by software. 0: interrupt is inhibited 1: An SCI interrupt is generated whenever IDLE=1 in the SR register. Bit 3 = TE Transmitter enable. This bit enables the transmitter and assigns the TDO pin to the alternate function. It is set and cleared by software. 0: Transmitter is disabled, the TDO pin is back to the I/O port configuration. 1: Transmitter is enabled Note: during transmission, a “0” pulse on the TE bit (“0” followed by “1”) sends a preamble after the current word. Bit 2 = RE Receiver enable. This bit enables the receiver. It is set and cleared by software. 0: Receiver is disabled. 1: Receiver is enabled and begins searching for a start bit. Bit 1 = RWU Receiver wake-up. This bit determines if the SCI is in mute mode or not. It is set and cleared by software and can be cleared by hardware when a wake-up sequence is recognized. 0: Receiver in active mode 1: Receiver in mute mode Bit 0 = SBK Send break. This bit set is used to send break characters. It is set and cleared by software. 0: No break character is transmitted 1: Break characters are transmitted Note: If the SBK bit is set to “1” and then to “0”, the transmitter will send a BREAK word at the end of the current word. 7 0 R8 T8 - M WAKE - - - 7 0 TIE TCIE RIE ILIE TE RE RWU SBK |