công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR4E02 bảng dữ liệu(PDF) 13 Page - Lattice Semiconductor

tên linh kiện OR4E02
Giải thích chi tiết về linh kiện  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02 bảng dữ liệu(HTML) 13 Page - Lattice Semiconductor

Back Button OR4E02 Datasheet HTML 9Page - Lattice Semiconductor OR4E02 Datasheet HTML 10Page - Lattice Semiconductor OR4E02 Datasheet HTML 11Page - Lattice Semiconductor OR4E02 Datasheet HTML 12Page - Lattice Semiconductor OR4E02 Datasheet HTML 13Page - Lattice Semiconductor OR4E02 Datasheet HTML 14Page - Lattice Semiconductor OR4E02 Datasheet HTML 15Page - Lattice Semiconductor OR4E02 Datasheet HTML 16Page - Lattice Semiconductor OR4E02 Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
Lattice Semiconductor
13
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
5-9736(F)a
Figure 7. MUX 8x1
Softwired LUT submode uses F4, F5 and F6 LUTs and internal PFU feedback routing to generate complex logic
functions up to three LUT-levels deep. Multiplexers can be independently configured to route certain LUT outputs to
the input of other LUTs. In this manner, very complex logic functions, some of up to 22 inputs, can be implemented
in a single PFU at greatly enhanced speeds.
It is important to note that an LUT output that is fed back for softwired use is still available to be registered or output
from the PFU. This means, for instance, that a logic equation that is needed by itself and as a term in a larger equa-
tion need only be generated once, and PLC routing resources will not be required to use it in the larger equation.
K7_0
K7_1
K7_2
F5D
LUT4
LUT4
K6_0
K6_1
K6_2
LUT4
LUT4
K5_0
K5_1
K5_2
K4_0
K4_1
K4_2
F5C
LUT4
K3_0
K3_1
K3_2
F5B
LUT4
LUT4
K2_0
K2_1
K2_2
LUT4
LUT4
K1_0
K1_1
K1_2
K0_0
K0_1
K0_2
F5A
LUT4
MUX8x1
4x1
MUX
4x1
MUX
[LUT647]
MUX8x1
[LUT603]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More