công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SRT512 bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện SRT512
Giải thích chi tiết về linh kiện  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 30Page - STMicroelectronics SRT512 Datasheet HTML 31Page - STMicroelectronics SRT512 Datasheet HTML 32Page - STMicroelectronics SRT512 Datasheet HTML 33Page - STMicroelectronics SRT512 Datasheet HTML 34Page - STMicroelectronics SRT512 Datasheet HTML 35Page - STMicroelectronics SRT512 Datasheet HTML 36Page - STMicroelectronics SRT512 Datasheet HTML 37Page - STMicroelectronics SRT512 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
SRT512 commands
SRT512
34/46
8.7
Read_block(Addr) command
Command code = 08h
On receiving the Read_block command, the SRT512 reads the desired block and returns
the 4 data bytes contained in the block. Data bytes are transmitted with the Least Significant
byte first and each byte is transmitted with the least significant bit first.
The address byte gives access to the 16 blocks of the SRT512 (addresses 0 to 15).
Read_block commands issued with a block address above 15 will not be interpreted and the
SRT512 will not return any response, except for the System area located at address 255.
The SRT512 must have received a Select() command and be switched to Selected state
before any Read_block() command can be accepted. All Read_block() commands sent to
the SRT512 before a Select() command is issued are ignored.
Figure 40.
Read_block request format
Request parameter:
●
ADDRESS: block addresses from 0 to 15, or 255
Figure 41.
Read_block response format
Response parameters:
●
DATA 1: Less significant data byte
●
DATA 2: Data byte
●
DATA 3: Data byte
●
DATA 4: Most significant data byte
Figure 42.
Read_block frame exchange between reader and SRT512
SOF
Read_block
CRCL
CRCH
EOF
AI07684b
08h
8 bIts
8 bits
8 bits
Address
SOF
DATA 1
CRCL
CRCH
EOF
AI07685
8 bits
DATA 2
DATA 3
DATA 4
8 bIts
8 bIts
8 bIts
8 bIts
8 bIts
SOF DATA
1
AI13513b
DATA
2
DATA
3
DATA
4
Reader
SRT512
CRCL CRCH EOF
<-t0-> <-t1->
SOF
08h
CRCL CRCH EOF
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com