công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SRT512 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện SRT512
Giải thích chi tiết về linh kiện  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button SRT512_08 Datasheet HTML 15Page - STMicroelectronics SRT512_08 Datasheet HTML 16Page - STMicroelectronics SRT512_08 Datasheet HTML 17Page - STMicroelectronics SRT512_08 Datasheet HTML 18Page - STMicroelectronics SRT512_08 Datasheet HTML 19Page - STMicroelectronics SRT512_08 Datasheet HTML 20Page - STMicroelectronics SRT512_08 Datasheet HTML 21Page - STMicroelectronics SRT512_08 Datasheet HTML 22Page - STMicroelectronics SRT512_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
SRT512
Memory mapping
19/46
4.4.2
Fixed Chip_ID (Option)
The SRT512 is provided with an anticollision feature based on a random 8-bit Chip_ID. Prior
to selecting an SRT512, an anticollision sequence has to be run to search for the Chip_ID of
the SRT512. This is a very flexible feature, however the searching loop requires time to run.
For some applications, much time could be saved by knowing the value of the SRT512
Chip_ID beforehand, so that the SRT512 can be identified and selected directly without
having to run an anticollision sequence. This is why the SRT512 was designed with an
optional mask setting used to program a fixed 8-bit Chip_ID to bits b7 to b0 of the system
area. When the fixed Chip_ID option is used, the random Chip_ID function is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46