công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SRI512 bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện SRI512
Giải thích chi tiết về linh kiện  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512 bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button SRI512_08 Datasheet HTML 30Page - STMicroelectronics SRI512_08 Datasheet HTML 31Page - STMicroelectronics SRI512_08 Datasheet HTML 32Page - STMicroelectronics SRI512_08 Datasheet HTML 33Page - STMicroelectronics SRI512_08 Datasheet HTML 34Page - STMicroelectronics SRI512_08 Datasheet HTML 35Page - STMicroelectronics SRI512_08 Datasheet HTML 36Page - STMicroelectronics SRI512_08 Datasheet HTML 37Page - STMicroelectronics SRI512_08 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
SRI512 commands
SRI512
34/47
8.6
Reset_to_inventory() command
Command code = 0Ch
On receiving the Reset_to_inventory() command, all SRI512 devices in Selected state
revert to Inventory state. The concerned SRI512 devices are thus resubmitted to the
anticollision sequence. This command is useful when two SRI512 devices with the same 8-
bit Chip_ID happen to be in Selected state at the same time. Forcing them to go through the
anticollision sequence again allows the reader to generates new Pcall16() commands and
so, to set new random Chip_IDs.
The Reset_to_inventory() command does not generate a response.
All SRI512 devices that are not in Selected state ignore the Reset_to_inventory() command.
Figure 38.
Reset_to_inventory request format
Request parameter:
●
No parameter
Figure 39.
Reset_to_inventory response format
Figure 40.
Reset_to_inventory frame exchange between reader and SRI512
SOF
Reset_to_inventory
CRCL
CRCH
EOF
AI07682b
0Ch
8 bits
8 bits
AI07680
No Response
SOF
0Ch
CRCL
CRCH EOF
AI10947
Reader
SRI512
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47