| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM6670S bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM6670S bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 53 page ![]() PM6670S Application information 49/53 Select C as shown: Equation 52 Then calculate R in order to have enough ripple voltage on the integrator input: Equation 53 Where RVESR is the new virtual output capacitor ESR. A good trade-off is to consider an equivalent ESR of 30-50 m Ω , even though the choice depends on inductor current ripple. Then choose R1 as follows: Equation 54 INT C 5 C ⋅ > C R L R VESR ⋅ = Z Z f C 1 R f C 1 R 1 R π − ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ π ⋅ = |