công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM6600 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện PM6600
Giải thích chi tiết về linh kiện  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 23Page - STMicroelectronics PM6600 Datasheet HTML 24Page - STMicroelectronics PM6600 Datasheet HTML 25Page - STMicroelectronics PM6600 Datasheet HTML 26Page - STMicroelectronics PM6600 Datasheet HTML 27Page - STMicroelectronics PM6600 Datasheet HTML 28Page - STMicroelectronics PM6600 Datasheet HTML 29Page - STMicroelectronics PM6600 Datasheet HTML 30Page - STMicroelectronics PM6600 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
PM6600
Operation description
27/43
7.4
System stability
The boost section of the PM6600 is a Fixed Frequency, Peak Current-Mode converter.
During normal operation, a minimum voltage selection circuit compares all the voltage drops
across the active current generators and provides the minimum one to the error amplifier.
The output voltage of the error amplifier determines the inductor peak current in order to
keep its inverting input equal to the reference voltage (400 mV typ). The compensation
network consists of a simple RC series (RCOMP - CCOMP) between the COMP pin and
ground.
The calculation of RCOMP and CCOMP is fundamental to achieve optimal loop stability and
dynamic performance of the boost converter and is strictly related to the operating
conditions.
7.4.1
Loop compensation
The compensation network can be quickly calculated using equations 4 through 9. Once
both RCOMP and CCOMP have been determined, a fine-tuning phase may be required in
order to get the optimal dynamic performance from the application.
The first parameter to be fixed is the switching frequency. Normally, a high switching
frequency allows reducing the size of the inductor but increases the switching losses and
negatively affects the dynamic response of the converter. For most of applications, the fixed
value (660 kHz) represents a good trade-off between power dissipation and dynamic
response, allowing to save an external resistor at the same time. In low-profile applications,
the inductor value is often kept low to reduce the number of turns; an inductor value in the
4.7 µH-15 µH range is a good starting choice.
Even if the loop bandwidth of the boost converter should be chosen as large as possible, it
should be set to 20 % of the switching frequency, taking care not to exceed the CCM-mode
Right Half-Plane Zero (RHPZ).
Equation 5
Equation 6
Where VIN,min is the minimum input voltage, IOUT is the overall output current,
Note that, the lower the inductor value (or the lower the switching frequency) the higher the
bandwidth can be achieved. The output capacitor is directly involved in the loop of the boost
converter and must be large enough to avoid excessive output voltage drop in case of a
sudden line transition from the maximum to the minimum input voltages (
∆V
OUT should not
exceed 50-100 mV):
SW
U
f
2
.
0
f
⋅
≤
L
2
I
V
V
V
2
.
0
L
2
R
M
2
.
0
f
OUT
OUT
2
OUT
min
,
IN
2
U
⋅
π
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
=
⋅
π
⋅
≤
OUT
min
,
IN
V
V
M
=
OUT
OUT
I
V
R
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com