công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74HC595TTR bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện M74HC595TTR
Giải thích chi tiết về linh kiện  8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC595TTR bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button M74HC595TTR Datasheet HTML 3Page - STMicroelectronics M74HC595TTR Datasheet HTML 4Page - STMicroelectronics M74HC595TTR Datasheet HTML 5Page - STMicroelectronics M74HC595TTR Datasheet HTML 6Page - STMicroelectronics M74HC595TTR Datasheet HTML 7Page - STMicroelectronics M74HC595TTR Datasheet HTML 8Page - STMicroelectronics M74HC595TTR Datasheet HTML 9Page - STMicroelectronics M74HC595TTR Datasheet HTML 10Page - STMicroelectronics M74HC595TTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M74HC595
7/16
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
TEST CIRCUIT
CL = 50pF/150pF or equivalent (includes jig and probe capacitance)
R1 =1KΩ or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
ts
Minimum Set-up
Time
(SCRL - RCK)
2.0
50
40
100
125
145
ns
4.5
10
20
25
29
6.0
7
17
21
25
th
Minimum Hold
Time
2.0
50
00
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum Clear
Removal Time
2.0
50
15
50
65
75
ns
4.5
3
10
13
15
6.0
3
9
11
13
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
510
10
10
pF
CPD
Power Dissipation
Capacitance (note
1)
184
pF
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ
VCC
tPZH,tPHZ
GND
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16